Part Number Hot Search : 
AP1520SA MTSS325C MCM51 MAX3006E EPINSS MAX3006E AP1520SA 15N650
Product Description
Full Text Search
 

To Download NACNW220M10V63X55TR13F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount aluminum electrolytic capacitors nacnw series features ? cylindrical v-chip construction for surface mounting ? non-polarized, 1000 hours at 105 o c ? 5.5mm height ? anti-solvent (2 minutes) ? designed for reflow soldering characteristics standard values, case sizes & specifications rated voltage range 6.3 ~ 63 vcc rated capacitance range 1.0 ~ 47 f operating temp. range -55 ~ +105c capacitance tolerance 20% (m) max. leakage current after 1 minutes @ 20c 0.03cv + 8 a max. tan @ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 63 tan @ 120hz/20c 0.24 0.22 0.20 0.20 0.20 0.18 0.16 low temperature stability impedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 50 79 z -25c/z +20c 3 3 2 2 2 2 2 z -40c/z +20c 8 8 4 4 3 3 3 load life test 105c 1,000 hours (reverse polarity every 500 hours) capacitance change within 25% of initial measured value tan less than 200% of speci ed max. value leakage current less than speci ed max. value part number cap. ( f) working voltage max. esr ( ) at 120hz/20c max. ripple current (ma rms) at 120hz/105c nacnw220m6.3v5x5.5tr13f 22 6.3vdc 18.09 22 nacnw330m6.3v6.3x5.5tr13f 33 12.06 27 nacnw470m6.3v6.3x5.5tr13f 47 8.47 33 nacnw100m10v4x5.5tr13f 10 10vdc 36.49 12 nacnw220m10v6.3x5.5tr13f 22 16.59 25 nacnw330m10v6.3x5.5tr13f 33 11.06 30 nacnw4r7m16v4x5.5tr13f 4.7 16vdc 70.58 8 nacnw100m16v5x5.5tr13f 10 33.17 17 nacnw220m16v6.3x5.5tr13f 22 15.08 27 nacnw330m16v6.3x5.5tr13f 33 10.05 40 nacnw3r3m25v4x5.5tr13f 3.3 25vdc 100.53 7 nacnw4r7m25v5x5.5tr13f 4.7 70.58 13 nacnw100m25v6.3x5.5tr13f 10 33.17 20 nacnw2r2m35v4x5.5tr13f 2.2 35vdc 150.79 5.9 nacnw3r3m35v5x5.5tr13f 3.3 100.53 12 nacnw4r7m35v5x5.5tr13f 4.7 70.58 14 nacnw100m35v6.3x5.5tr13f 10 33.17 21 nacnw1r0m50v4x5.5tr13f 1.0 50vdc 298.57 7 nacnw2r2m50v5x5.5tr13f 2.2 135.71 10 nacnw3r3m50v5x5.5tr13f 3.3 90.47 13 nacnw4r7m50v6.3x5.5tr13f 4.7 63.52 16 nacnw100m50v6.3x5.5tr13f 10 23.89 18 nacnw1r0m63v4x5.5tr13f 1.0 63 265.39 7 nacnw2r2m63v5x5.5tr13f 2.2 120.63 10 nacnw3r3m63v6.3x5.5tr13f 3.3 80.42 13 nacnw4r7m63v6.3x5.5tr13f 4.7 54.47 16 *see part number system for details pnbs fdil rohs compliant includes all homogeneous materials for automotive equipment see part number system
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change dimensions (mm) 0.3mm max. d l i i w p a b case size d 0.5 l max. a 0.2 i 0.2 w p 0.2 4x5.5 4.0 5.5 4.3 1.8 0.5 ~ 0.8 1.0 5x5.5 5.0 5.5 5.3 2.1 0.5 ~ 0.8 1.4 6.3x5.5 6.3 5.5 6.6 2.5 0.5 ~ 0.8 2.2 precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com nacnw 100 m 35v 6.3x5.5 tr 13 y f rohs compliant terminations 97% sn (min.), 3% bi (max.) 330mm (13?) reel tape & reel size in mm working voltage tolerance code m=20% capacitance code in mf, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system optional: suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi ed production site surface mount aluminum electrolytic capacitors nacnw series


▲Up To Search▲   

 
Price & Availability of NACNW220M10V63X55TR13F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X